Part Number Hot Search : 
D221K KA2983 SSA150 27C040 R321142 SK520 1SMA5927 CXA1207
Product Description
Full Text Search
 

To Download 2N7002DW1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: 2N7002DW
2N7002DW
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features
* * * * * * * * *
Dual N-Channel MOSFET Low On-Resistance Low Gate Threshold Voltage Low Input Capacitance Fast Switching Speed Low Input/Output Leakage Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 2) Qualified to AEC-Q101 Standards for High Reliability
K
S2 G2 D1 D2
A
G1 S1
SOT-363 Dim A
BC
Min 0.10 1.15 2.00 0.30 1.80 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
B C D F
M
G H
0.65 Nominal
H J K L M
Mechanical Data
* * * * * * * * *
Case: SOT-363
J
D
F
L
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking (See Page 2): K72 Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approx.)
D2
G1
S1
All Dimensions in mm
S2
G2
D1
Maximum Ratings
Drain-Source Voltage
@ TA = 25C unless otherwise specified Symbol VDSS VDGR Continuous Pulsed Continuous Continuous @ 100C Pulsed VGSS ID Pd RJA Tj, TSTG 2N7002DW 60 60 20 40 115 73 800 200 1.60 625 -55 to +150 Units V V V mA mW mW/C C/W C
Characteristic Drain-Gate Voltage RGS 1.0M Gate-Source Voltage (Note 1) Drain Current (Note 1)
Total Power Dissipation Derating above TA = 25C (Note 1) Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30120 Rev. 8 - 2
1 of 3 www.diodes.com
2N7002DW
(c) Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 3) Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage ON CHARACTERISTICS (Note 3) Gate Threshold Voltage Static Drain-Source On-Resistance On-State Drain Current Forward Transconductance DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS Turn-On Delay Time Turn-Off Delay Time
@ TA = 25C unless otherwise specified Symbol BVDSS @ TC = 25C @ TC = 125C IDSS IGSS VGS(th) @ Tj = 25C @ Tj = 125C RDS (ON) ID(ON) gFS Ciss Coss Crss tD(ON) tD(OFF) Min 60 1.0 0.5 80 Typ 70 3.2 4.4 1.0 22 11 2.0 7.0 11 Max 1.0 500 10 2.0 7.5 13.5 50 25 5.0 20 20 Unit V A nA V A mS pF pF pF ns ns VDD = 30V, ID = 0.2A, RL = 150, VGEN = 10V, RGEN = 25 VDS = 25V, VGS = 0V f = 1.0MHz Test Condition VGS = 0V, ID = 10A VDS = 60V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = 250A VGS = 5.0V, ID = 0.05A VGS = 10V, ID = 0.5A VGS = 10V, VDS = 7.5V VDS =10V, ID = 0.2A
Ordering Information (Note 4)
Device 2N7002DW-7-F
Notes:
Packaging SOT-363
Shipping 3000/Tape & Reel
3. Short duration test pulse used to minimize self-heating effect. 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K72 YM
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 M 4
YM K72
2001 2002 N May 5 Apr
K72= Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
2003 P Jun 6
2004 R Jul 7
2005 S Aug 8
2006 T Sep 9
2007 U Oct O
2008 V Nov N
2009 W Dec D
DS30120 Rev. 8 - 2
2 of 3 www.diodes.com
2N7002DW
1.0
VGS = 10V 9.0V 8.0V 7.0V 6.5V 6.0V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0/1.0V
7
Tj = 25C
ID, DRAIN-SOURCE CURRENT (A)
0.8
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
6 5
VGS = 5.0V
5.5V
0.6
4 3
VGS = 10V
5.0V 0.4
2 1 0
0.2
0 0 1 2 3 4 5
0
0.2
0.4
0.6
0.8
1.0
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics
6
ID, DRAIN CURRENT (A) Fig. 2 On-Resistance vs Drain Current
2.0 RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
5
1.5
VGS = 10V, ID = 0.5A
4
ID = 50mA
3
ID = 500mA
VGS = 5.0V, ID = 0.05A
1.0
2
0.5
1
0 -55 -30 -5 20 45 70 95 120 145
0 0 2 4 6 8 10 12 14 16 18
Tj, JUNCTION TEMPERATURE (C) Fig. 3 On-Resistance vs Junction Temperature
VGS, GATE TO SOURCE VOLTAGE (V) Fig. 4 On-Resistance vs. Gate-Source Voltage
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS30120 Rev. 8 - 2
3 of 3 www.diodes.com
2N7002DW


▲Up To Search▲   

 
Price & Availability of 2N7002DW1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X